PART |
Description |
Maker |
AM29F400BT-50FC AM29F400BT-50FI AM29F400BB-50EE AM |
55V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; Similar to IRF2805 with Lead Free Packaging 150V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRL3215 with Standard Packaging 100V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRL520N with Standard Packaging 55V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; A IRL3705ZS with Standard Packaging 200V Single N-Channel HEXFET Power MOSFET in a SO-8 package; A IRF7492 with Standard Packaging 55V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; A IRFZ46ZS with Standard Packaging 60V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRFB4215 with Standard Packaging 100V Single N-Channel HEXFET Power MOSFET in a Super 247 (TO-274AA) package; A IRFPS3810 with Standard Packaging 80V Single N-Channel HEXFET Power MOSFET in a I-Pak package; Similar to IRLU2908 with Lead Free Packaging 100V Single N-Channel HEXFET Power MOSFET in a TO-262 package; A IRF1310NL with Standard Packaging 30V Single N-Channel HEXFET Power MOSFET in a SOT-223 package; A IRLL2703 with Standard Packaging 60V Single N-Channel HEXFET Power MOSFET in a TO-262 package; A IRFZ34VL with Standard Packaging 60V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package; A IRFIZ24E with Standard Packaging A 30V Single N-Channel HEXFET Power MOSFET in a DirectFET ST package. Recommended replacement is IRF6621; A IRF6604 with Standard Tape and Reel Quantity 55V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; A IRLZ34NS with Standard Packaging 100V Single N-Channel HEXFET Power MOSFET in a SO-8 package; A IRF7452 with Standard Packaging 30V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRL3803V with Standard Packaging 55V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; Similar to IRFZ48NS with Lead Free Packaging 100V Single N-Channel HEXFET Power MOSFET in a TO-262 package; Similar to IRF3710ZL with Lead Free Packaging 30V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package; Similar to IRLI2203N with Lead Free Packaging 20V Single N-Channel HEXFET Power MOSFET in a TO-262 package; A IRL3714ZL with Standard Packaging 55V Single N-Channel HEXFET Power MOSFET in a TO-262 package; A IRFZ48ZL with Standard Packaging 20V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; Similar to IRL3714S with Lead Free Packaging 20V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; A IRL3714S with Standard Packaging 4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory 256K X 16 FLASH 5V PROM, 55 ns, PDSO48 4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory 256K X 16 FLASH 5V PROM, 55 ns, PDSO44 4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory 256K X 16 FLASH 5V PROM, 70 ns, PDSO48 x8/x16 Flash EEPROM x8/x16闪存EEPROM
|
Advanced Micro Devices, Inc. ADVANCED MICRO DEVICES INC
|
IRF1405ZSTRLPBF IRF1405ZPBF IRF1405ZLPBF |
55V Single N-Channel HEXFET Power MOSFET in a D2-Pak package 55V Single N-Channel HEXFET Power MOSFET in a TO-220AB package 55V Single N-Channel HEXFET Power MOSFET in a TO-262 package
|
International Rectifier
|
AM29F016D AM29F016D-120DPC1 AM29F016D-120DTI1 AM29 |
55V Single N-Channel HEXFET Power MOSFET in a I-Pak package; Similar to IRFU3505 with Lead Free Packaging 55V Single N-Channel HEXFET Power MOSFET in a I-Pak package; A IRFU3505 with Standard Packaging 80V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRF1312 with Standard Packaging EEPROM From old datasheet system 16 Mbit (2 M x 8-Bit)
|
AMD Inc
|
IRFRU1205 IRFU1205 IRFR1205 IRFR1205TRR INTERNATIO |
(IRFR1205 / IRFU1205) Power MOSFET 55V Single N-Channel HEXFET Power MOSFET in a D-Pak package 55V Single N-Channel HEXFET Power MOSFET in a I-Pak package Power MOSFET(Vdss=55V, Rds(on)=0.027ohm, Id=44A)
|
International Rectifier
|
AM29F040-120/BUA AM29F040-120/BXA AM29F040-150DEB |
150V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; A IRF3315S with Standard Packaging 150V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; Similar to IRF3315S with Lead Free Packaging 30V Single N-Channel HEXFET Power MOSFET in a D-Pak package; A IRLR8721PBF with Standard Packaging 60V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRFZ34E with Standard Packaging 100V Single N-Channel HEXFET Power MOSFET in a I-Pak package; A IRFU120Z with Standard Packaging 55V Single N-Channel HEXFET Power MOSFET in a D-Pak package; Similar to IRFR48Z with Lead Free Packaging 30V Single N-Channel HEXFET Power MOSFET in a TO-262 package; Similar to IRL3803L with Lead Free Packaging 55V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; Similar to IRFZ24NS with Lead Free Packaging x8 Flash EEPROM x8闪存EEPROM
|
Advanced Micro Devices, Inc.
|
E142-SERIES M342-SERIES T242-SERIES X242-SERIES E2 |
Transient Voltage Suppressor Diodes 100V Single N-Channel HEXFET Power MOSFET in a D-Pak package; A IRFR3910 with Standard Packaging 30V Single N-Channel HEXFET Power MOSFET in a SO-8 package; A IRF7862PBF with Standard Packaging 30V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; A IRL2203NS with Standard Packaging 200V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRFB260N with Standard Packaging 30V Single N-Channel HEXFET Power MOSFET in a SO-8 package; A IRF9410 with Standard Packaging 250V Single N-Channel HEXFET Power MOSFET in a I-Pak package; Similar to IRFU12N25D with Lead Free Packaging 55V Single N-Channel HEXFET Power MOSFET in a D-Pak package; A IRLR4343 with Standard Packaging Peripheral IC 外围芯片
|
Bourns, Inc. Hoffman TOKO, Inc.
|
IRF3205S02 IRF3205S IRF3205L IRF3205STRL IRF3205ST |
55V Single N-Channel HEXFET Power MOSFET in a TO-262 package 55V Single N-Channel HEXFET Power MOSFET in a D2-Pak package
|
IRF[International Rectifier]
|
IRLR4343 IRLU4343-701 IRLU4343 |
55V Single N-Channel HEXFET Power MOSFET in a D-Pak package 55V Single N-Channel HEXFET Power MOSFET in a I-Pak package DIGITAL AUDIO MOSFET 数字音频MOSFET
|
IRF[International Rectifier] International Rectifier, Corp.
|
AUIRF3805L-7P AUIRF3805S-7P |
Automotive Q101 55V Single N-Channel HEXFET Power MOSFET in a TO-263CA 7p Package Automotive Q101 55V Single N-Channel HEXFET Power MOSFET in a D2-Pak 7p Package
|
International Rectifier
|
AM29F080-150EEB AM29F080-150SEB AM29F080-120FEB AM |
x8 Flash EEPROM 30V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; Similar to IRL3303S with Lead Free Packaging 20V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; Similar to IRL3502S with Lead Free Packaging 75V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; Similar to IRF3808S with Lead Free Packaging 30V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; Similar to IRF3707Z with Lead Free Packaging 75V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; A IRFS3307 with Standard Packaging 30V Single N-Channel HEXFET Power MOSFET in a SO-8 package; Similar to IRF7809AV with Lead Free Packaging 30V Single N-Channel HEXFET Power MOSFET in a D-Pak package; A IRFR3709ZCPBF with Standard Packaging 100V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRFB59N10D with Standard Packaging 30V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRL2703 with Standard Packaging x8闪存EEPROM 55V Single N-Channel HEXFET Power MOSFET in a SOT-223 package; Similar to IRFL024N with Lead Free Packaging x8闪存EEPROM 100V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package; Similar to IRFI530N with Lead Free Packaging
|
Amphenol, Corp.
|
IRFZ44N IRFZ44 IRFZ44NPBF |
55V Single N-Channel HEXFET Power MOSFET in a TO-220AB package Power MOSFET(Vdss=55V, Rds(on)=17.5mohm, Id=49A)
|
IRF[International Rectifier]
|